Part Number Hot Search : 
21620 215DH 07231438 255788 M491B1 020180MH 12S15 SMAJ10
Product Description
Full Text Search
 

To Download DSSK40-006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002 ixys all rights reserved 1 - 1 pulse test:   pulse width = 5 ms, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified ixys reserves the right to change limits, conditions and dimensions. ac a to-247 ad a = anode, c = cathode , tab = cathode a a c c (tab) features ? international standard package  very low v f  extremely low switching losses  low i rm -values  epoxy meets ul 94v-0 applications  rectifiers in switch mode power supplies (smps)  free wheeling diode in low voltage converters advantages  high reliability circuit operation  low voltage peaks for reduced protection circuits  low noise switching  low losses dimensions see outlines.pdf power schottky rectifier with common cathode 232 advanced technical data symbol conditions maximum ratings i frms 70 a i fav t c = 130  c; rectangular, d = 0.5 20 a i fav t c = 130  c; rectangular, d = 0.5; per device 40 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 500 a e as i as = tbd a; l = 180 h; t vj = 25c; non repetitive tbd mj i ar v a =1.5  v rrm typ.; f=10 khz; repetitive tbd a (dv/dt) cr tbd v/  s t vj -55...+150  c t vjm 150  c t stg -55...+150  c p tot t c = 25  c 150 w m d mounting torque 0.8...1.2 nm weight typical 6 g i fav = 2x20 a v rrm = 60 v v f = 0.50 v dssk 40-006b v rsm v rrm type v v 60 60 dssk 40-006b symbol conditions characteristic values typ. max. i r   t vj = 25c v r = v rrm 20 ma t vj = 100c v r = v rrm 175 ma v f i f = 20 a; t vj = 125c 0.50 v i f = 20 a; t vj = 25c 0.53 v i f = 40 a; t vj = 125 c 0.60 v r thjc 1.1 k/w r thch 0.25 k/w


▲Up To Search▲   

 
Price & Availability of DSSK40-006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X